PART |
Description |
Maker |
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
FDMC8296 FDMC829610 |
30V N-Channel Power Trench MOSFET; Package: Power 33 (PQFN); No of Pins: 8; Container: Tape & Reel 12 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power Trench? MOSFET 30V, 18A, 8.0m
|
Fairchild Semiconductor, Corp.
|
STP60NF03L06 STP60NF03L |
60 A, 30 V, 0.015 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 30V - 0.008ヘ - 60A TO-220 STripFET⑩ Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET?/a> Power MOSFET
|
STMicroelectronics
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
|